Part Number Hot Search : 
PAD50 TFH70F UDZ3V6B 27541 970512 C18F25 CS330 56F83
Product Description
Full Text Search
 

To Download SC1205CS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
PRELIMINARY - December 7, 1999
SC1205
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
DESCRIPTION
The SC1205 is a cost effective Dual MOSFET Driver designed for switching High and Low side Power MOSFETs. Each driver is capable of driving a 3000pF load in 20ns rise/fall time and has a 20ns max propagation delay from input transition to the gate of the power FET's. An internal Overlap Protection Circuit prevents shoot-through from Vin to GND in the main switching and synchronous MOSFET's. The Overlap Protection circuit ensures the Bottom FET does not turn on until the Top FET source has reached a voltage low enough to prevent cross-conduction. The high current drive capability (2A peak) allows fast switching, thus reducing switching losses at high (1MHz) PWM frequencies. The high voltage CMOS process allows operation from 5-25 Volts at top MOSFET drain, thus making SC1205 suitable for battery powered applications. Connecting Enable pin (EN) to logic low shuts down both drives and reduces operating current to less than 10uA. An Under-Voltage-Lock-Out circuit is included to guarantee that both driver outputs are low when the 5V logic level is less than or equal to 4.4V (typ) at supply ramp up (4.35V at supply ramp down). An Internal temperature sensor shuts down all drives in the event of overtemperature. SC1205 is fabricated utilizing CMOS technology for low quiescent current. The SC1205 is offered in a standard SO-8 package.
FEATURES * * * * * * * * * * * * * *
Fast rise and fall times (15ns typical with 3000pf load) 2Amp peak drive current 14ns max Propagation delay (BG going low) Adaptive Non-overlapping Gate Drives provide shoot-through protection Floating top drive switches up to 25V Under-Voltage lock-out Overtemperature protection Less than 10uA supply current when EN is low Low cost
APPLICATIONS
High Density sunchronous power supplies Motor Drives/Class-D amps/Half bridge drivers High frequency (to 1.2 MHz) operation allows use of small inductors and low cost caps in place of electrolytics Portable computers Battery powered applications
ORDERING INFORMATION
DEVICE
(1)
PACKAGE SO-8
TEMP. RANGE (T J) 0 - 125C
SC1205CS
Note: (1) Add suffix `TR' for tape and reel.
PIN CONFIGURATION
BLOCK DIAGRAM
Top View
(SO-8)
1 (c) 1999 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
PRELIMINARY - December 7, 1999
SC1205
ABSOLUTE MAXIMUM RATINGS
Parameter VCC Supply Voltage BST to PGND BST to DRN DRN to PGND OVP_S to PGND Input pin Continuous Power Dissipation Thermal Resistance Junction to Case Thermal Resistance Junction to Ambient Operating Temperature Range Storage Temperature Range Lead Temperature (Soldering) 10 sec NOTE: (1) Specification refers to application circuit in Figure 1. Symbol VMAX5V VMAXBST-PGND VMAXBST-DRN VMAXDRN-PGN VMAXOVP_S-PGND CO Pd JA TJ TSTG TLEAD Conditions Maximum 7 30 7 25 10 -0.3 to 7.3 0.66 2.56 40 150 0 to +125 -65 to +150 300 Units V V V V V V W C/W C/W C C C
Tamb = 25C, TJ = 125C Tcase = 25C, TJ = 125C
ELECTRICAL CHARACTERISTICS (DC OPERATING SPECIFICATIONS)
Unless specified: -0 < J < 125C; VCC = 5V; 4V < VBST < 26V PARAMETER POWER SUPPLY Supply Voltage Quiescent Current, operating Quiescent Current UNDER-VOLTAGE LOCKOUT Start Threshold Hysteresis Logic Active Threshold VSTART VhysUVLO VACT 4.2 4.4 0.05 1.5 4.6 V V V VCC Iq_op Iq_stby VCC VCC = 5V, CO = 0V EN = 0V 4.15 5 1 10 6.0 V ma A SYMBOL CONDITIONS MIN TYP MAX UNITS
2 (c) 1999 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
PRELIMINARY - December 7, 1999
SC1205
ELECTRICAL CHARACTERISTICS (DC OPERATING SPECIFICATIONS) Cont.
PARAMETER CO High Level Input Voltage Low Level Input Voltage THERMAL SHUTDOWN Over Temperature Trip Point Hysteresis HIGH-SIDE DRIVER Peak Output Current Output Resistance IPKH RsrcTG RsinkTG LOW-SIDE DRIVER Peak Output Current Output Resistance IPKL RsrcBG RsinkBG duty cycle < 2%, tpw < 100s, TJ = 125C VV_5 = 4.6V, VBG = 4V (src), or VLOWDR = 0.5V (sink) 2 1.2 A duty cycle < 2%, tpw < 100s, TJ = 125C, VBST - VDRN = 4.5V, VTG = 4.0V (src)+VDRN or VTG = 0.5V (sink)+VDRN 2 1 A TOTP THYST 165 10 C C VIH VIL 2.0 0.8 V V SYMBOL CONDITIONS MIN TYP MAX UNITS
.7
1.0
3 (c) 1999 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
PRELIMINARY - December 7, 1999
SC1205
AC OPERATING SPECIFICATIONS
PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS
HIGH-SIDE DRIVER rise time trTG, CI = 3nF, VBST - VDRN = 4.6V, T J = 125C CI = 3nF, VBST - VDRN = 4.6V, T J = 125C CI = 3nF, VBST - VDRN = 4.6V, T J = 125C CI = 3nF, VBST - VDRN = 4.6V, T J = 125C 14 23 ns
fall time
tf TG
12
19
ns
propagation delay time, TG going high propagation delay time, TG going low LOW-SIDE DRIVER
tpdhTG
20
32
ns
tpdlTG
15
24
ns
rise time
trBG
CI = 3nF, VV_5 = 4.6V, T J = 125C CI = 3nF, VV_5 = 4.6V, T J = 125C CI = 3nF, VV_5 = 4.6V, T J = 125C, DRN < 1V CI = 3nF, VV_5 = 4.6V, T J = 125C
15
24
ns
fall time
trBG
13
21
ns
propagation delay time BG going high progagation delay time BG going low UNDER-VOLTAGE LOCKOUT
tpdhBGHI
12
19
ns
tpdlBG
7
12
ns
V_5 ramping up
tpdhUVLO
EN is High
10
us
V_5 ramping down
tpdlUVLO
EN is High
10
us
4 (c) 1999 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
PRELIMINARY - December 7, 1999
SC1205
PIN DESCRIPTION
Pin # 1 Pin Name DRN Pin Function This pin connects to the junction of the switching and synchronous MOSFET's. This pin can be subjected to a -2V minimum relative to PGND without affecting operation. Output gate drive for the switching (high-side) MOSFET. Bootstrap pin. A capacitor is connected between BST and DRN pins to develop the floating bootstrap voltage for the high-side MOSFET. The capacitor value is typically between 0.1F and 1F (ceramic). TTL-level input signal to the MOSFET drivers. When high, this pin enables the internal circuitry of the device. When low, TG, BG and PRDY are forced low and the supply current (5V) is less than 10A. +5V supply. A .22-1F ceramic capacitor should be connected from 5V to PGND very close to this pin. Output drive for the synchronous MOSFET. Ground.
2 3
TG BST
4 5
CO EN
6 7 8 NOTE:
VS BG PGND
(1) All logic level inputs and outputs are open collector TTL compatible.
TIMING DIAGRAM
5 (c) 1999 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
PRELIMINARY - December 7, 1999
SC1205
Figure 1 - Timing characteristics while driving a 3nf load at Tamb = 125C after CO low to high transition.
Ch1. CO input going high (start of cycle) Ch2. BG drive Ch3. TG drive Cload = 3 nf C_delay = 0
Ch1. DRN (phase node) voltage going low Ch2. BG going high Cload = 3 nf C_delay = 0
Figure 2-Timing characteristics while driving a 3nf load at Tamb = 125C after DRN voltage transition to a low voltage (DRN <1V) 6 (c) 1999 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
8
SC1205
C16 22u,10V
GND BG
BST TG
3
8
DRN
GND BG
B120 B119 B118 B117 B116 B115 B114 B113 B112 B111 B110 B109 B108 B107 B106 B105 B104 B103 B102 B101 B100 B99 B98 B97 B96 B95 B94 B93 B92 B91 B90 B89 B88 B87 B86 B85 B84 B83 B82 B81 B80 B79 B78 B77 B76 B75 B74 B73 B72 B71 B70 B69 B68 B67 B66 B65 B64 B63 B62 B61 B60 B59 B58 B57 B56 B55 B54 B53 B52 B51 B50 B49 B48 B47 B46 B45 B44 B43 B42 B41 B40 B39 B38 B37 B36 B35 B34 B33 B32 B31 B30 B29 B28 B27 B26 B25 B24 B23 B22 B21 B20 B19 B18 B17 B16 B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1
VID[0] VID[3] $PIN238 VCC_L2 $PIN236 $PIN235 $PIN234 VCC_L2 $PIN232 $PIN231 $PIN230 VCC5 $PIN228 $PIN227 $PIN226 VCC_CORE $PIN224 $PIN223 $PIN222 $PIN221 $PIN220 $PIN219 $PIN218 VCC_CORE $PIN216 $PIN215 $PIN214 VCC_CORE $PIN212 $PIN211 $PIN210 VCC_CORE $PIN208 $PIN207 $PIN206 VCC_CORE $PIN204 $PIN203 $PIN202 $PIN201 $PIN200 $PIN199 $PIN198 VCC_CORE $PIN196 $PIN195 $PIN194 VCC_CORE $PIN192 $PIN191 $PIN190 VCC_CORE $PIN188 $PIN187 $PIN186 VCC_CORE $PIN184 $PIN183 $PIN182 $PIN181 $PIN180 $PIN179 $PIN178 VCC_CORE $PIN176 $PIN175 $PIN174 VCC_CORE $PIN172 $PIN171 $PIN170 VCC_CORE $PIN168 $PIN167 $PIN166 VCC_CORE $PIN164 $PIN163 $PIN162 $PIN161 $PIN160 $PIN159 $PIN158 VCC_CORE $PIN156 $PIN155 $PIN154 VCC_CORE $PIN152 $PIN151 $PIN150 VCC_CORE $PIN148 $PIN147 $PIN146 VCC_CORE $PIN144 $PIN143 $PIN142 $PIN141 $PIN140 $PIN139 $PIN138 VCC_CORE $PIN136 $PIN135 $PIN134 VCC_CORE $PIN132 $PIN131 $PIN130 VCC_VTT $PIN128 $PIN127 $PIN126 VCC_VTT $PIN124 $PIN123 $PIN122 $PIN121
VID[1] VID[2] GND $PIN116 $PIN115 $PIN114 GND $PIN112 $PIN111 $PIN110 GND $PIN108 $PIN107 $PIN106 GND $PIN104 $PIN103 $PIN102 GND $PIN100 $PIN99 $PIN98 GND $PIN96 $PIN95 $PIN94 GND $PIN92 $PIN91 $PIN90 GND $PIN88 $PIN87 $PIN86 GND $PIN84 $PIN83 $PIN82 GND $PIN80 $PIN79 $PIN78 GND $PIN76 $PIN75 $PIN74 GND $PIN72 $PIN71 $PIN70 GND $PIN68 $PIN67 $PIN66 GND $PIN64 $PIN63 $PIN62 GND $PIN60 $PIN59 $PIN58 GND $PIN56 $PIN55 $PIN54 GND $PIN52 $PIN51 $PIN50 GND $PIN48 $PIN47 $PIN46 GND $PIN44 $PIN43 $PIN42 GND $PIN40 $PIN39 $PIN38 GND $PIN36 $PIN35 $PIN34 GND $PIN32 $PIN31 $PIN30 GND $PIN28 $PIN27 $PIN26 GND $PIN24 $PIN23 $PIN22 GND $PIN20 $PIN19 $PIN18 GND $PIN16 Reserved THERMTRIP# GND TESTHI PWRGOOD TDO GND TDI IGNNE# FERR# GND A20M# IERR# VCC_VTT GND VCC_VTT
A120 A119 A118 A117 A116 A115 A114 A113 A112 A111 A110 A109 A108 A107 A106 A105 A104 A103 A102 A101 A100 A99 A98 A97 A96 A95 A94 A93 A92 A91 A90 A89 A88 A87 A86 A85 A84 A83 A82 A81 A80 A79 A78 A77 A76 A75 A74 A73 A72 A71 A70 A69 A68 A67 A66 A65 A64 A63 A62 A61 A60 A59 A58 A57 A56 A55 A54 A53 A52 A51 A50 A49 A48 A47 A46 A45 A44 A43 A42 A41 A40 A39 A38 A37 A36 A35 A34 A33 A32 A31 A30 A29 A28 A27 A26 A25 A24 A23 A22 A21 A20 A19 A18 A17 A16 A15 A14 A13 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1
(c) 1999 SEMTECH CORP.
1 2 3 4 5 6
Figure 3-SC1205 Evaluation Board
PRELIMINARY - December 7, 1999
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
652 MITCHELL ROAD NEWBURY PARK CA 91320
SC1205
7
B121 VCC_L2 A121 VID[4]
J1
INPUT
C5 C6 C7
9 10 11 12 13 14 15 16
1u,16V 1u,16V 1u,16V
S1
Vout/Clk switch
+5V * OPTIONAL
Title Size
8 7 6 5 4 3 2 1 100UF .1 C8 1000uf,16V +5V +12V
EN
.01 C26 100 R7 .1 C27 35k R10 U1 C23 300k R11 6k R8 .022 C25 1u,10V C28 51 51 51 51 R12 R13 R14 R15 22u,10V C36 22u,10V C32 10 R9 .022
3.9k R6 10 OC9 OC+ 8 Vid4 7 Vid3 6 Vid2 5 Vid1 4 Vid0 35k R10 SC1142CSW FB Comp 11 Bgout 13 FBG 12 VOUT 14 4 5 6 Drv0 GND Enable 15 EN 4 16 10 5 17
C9
10uf
C11 10k
C12 10 R1
R38
2
vcc5v 1
3 Rref Vcc12v 18 10
1000uf C10
NC Drv1 19 R44
Vcc5v Outv 20
Long PCB Trace
R43
6
VIN
C55
.1
.1 5819 C57 U11
EN
D11
D10
VS
EN
C15 1u,10V
5819
CO
VS
EN
CO
SC1205
U12 BST TG 3
DRN
7
1
2 7 1 2
C31 C4 22u,10V 1u,10V
0 R41
0 R39
R42
0
R40
VIN
0
4.7 R45
IR7811 4.7 R45 Q2
* *
VOUT 22u,10V C24 22u,10V C22
VIN
IR7811
Q4
Q3
Q1
FDB7030
FDB7030
* *
D2
D1
.1
.1 C58
.6uh L2
.6uh L1
SS12
SS12
C56
1500uf C17
1500uf C30
22u,10V C29
22u,10V C21
22u,10V C20
22u,10V C19
22u,10V C18
22u,10V C14
22u,10V C13
B
SC1142EVB-A
Date: Tuesday, June 29, 1999 Sheet 1 of 1
Document Number
PentiumII
SC1142-1205 Evaluation Board
Rev N/C
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
PRELIMINARY - December 7, 1999
BILL OF MATERIAL Item Qty 1 2 3 4 5 7 8 9 10 11 12 13 14 15 16 17 2 2 1 2 D1,D2 D10,D11 J1 L1,L2 SS12 5819 Input .6uh 3 3 1 1 1 1 13 2 2 1 6 Reference C4,C15,C28 C5,C6,C7 C8 C9 C10 C12 C13,C14,C16,C18,C19,C20,C21,C22,C24,C29,C31,C32, C36 C17,C30 C23,C25 C26 C11,C27,C55,C56,C57,C58 Value 1u,10V, Cer. 1u,16V, Cer. 1000uF, 16V 100uF 1000uf 10uF 22u, 10V 1500uf .022 .01 .1 Manufacturer AVX, Murata AVX, Murata Nichicon, any Nichicon, any Nichicon, any Nichicon, any
SC1205
Murata (GRM235Y5V226Z010) Nichicon, Sanyo Avx, any Avx, any Avx, any
General Instruments, any General Instruments, any
Falco, P/N: TO2508 or SDIP0804-608M (305) 662-9076 Int. Rectifier (310) 252-7099 Fairchild Semi. (408) 822-2000 any any any any any any any, Required in asynch. operation any any any Digikey Slot 1 Connector Semtech, (805) 499-2111 Semtech, (805) 499-2111
18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33
2 2 4 1 1 1 1 1 4 1 4 1 1 1 1 2
Q1,Q3 Q2,Q4 R1,R9,R43,R44 R6 R7 R8 R10 R11 R12,R13,R14,R15 R38 R39,R40,R41,R42 R45 S1 U2 U1 U11,U12
IR7811 FDB7030 10 3.9k 100 6k 35k 300k 51 10K 0 4.7 Vout/Clk switch Pentium IITM SC1142CSW SC1205S
8 (c) 1999 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
PRELIMINARY - December 7, 1999 APPLICATION INFORMATION: SC1205 is a high speed, smart dual MOSFET driver. It is designed to drive Low Rds_On power MOSFET's with ultra-low rise/fall times and propagation delays. As the switching frequencies of PWM controllers is increased to reduce power supply and Class-D amplifier volume and cost, fast rise and fall times are necessary to minimize switching losses (TOP MOSFET) and reduce Dead-time (BOTTOM MOSFET). While 2 Low Rds_On MOSFET's present a power saving in I R losses, the MOSFET's die area is larger and thus the effective input capacitance of the MOSFET is increased. Often a 50% decrease in Rds_On more than doubles the effective input gate charge, which must be supplied by the driver. The Rds_On power savings can be offset by the switching and dead-time losses with a sub-optimum driver. While discrete solution can achieve reasonable drive capability, implementing shoot-through, programmable delay and other housekeeping functions necessary for safe operation can become cumbersome and costly. The SC120X family of parts presents a total solution for the high-speed, high power density applications. Wide input supply range of 4.5V-25V allows use in battery powered applications, new high voltage, distributed power servers as well as Class-D amplifiers. THEORY OF OPERATION The control input (CO) to the SC1205 is typically supplied by a PWM controller that regulates the power supply output. (See Application Evaluation Schematic, Figure 3). The timing diagram demonstrates the sequence of events by which the top and bottom drive signals are applied. The shoot-through protection is implemented by holding the bottom FET off until the voltage at the phase node (intersection of top FET source, the output inductor and the bottom FET drain) has dropped below 1V. This assures that the top FET has turned off and that a direct current path does not exist between the input supply and ground, a condition which both the top and bottom FET's are on momentarily. The top FET is also prevented from turning on until the bottom FET is off. This time is internally set to 20ns.
SC1205
to figure 3) shows a two-phase synchronous design with all surface mountable components. While components connecting to EN are relatively non-critical, tight placement and short,wide traces must be used in layout of The Drives, DRN, and especially PGND pin. The top gate driver supply voltage is provided by bootstrapping the +5V supply and adding it the phase node voltage (DRN). Since the bootstrap capacitor supplies the charge to the top gate, it must be less than .5" away from the SC1205. Ceramic X7R capacitors are a good choice for supply bypassing near the chip. The Vcc pin capacitor must also be less than .5" away from the SC1205. The ground node of this capacitor, the SC1205 PGND pin and the Source of the bottom FET must be very close to each other, preferably with common PCB copper land with multiple vias to the ground plane (if used). The parallel Shottkey must be physically next to the Bottom FETS Drain and source. Any trace or lead inductance in these connections will drive current way from the Shottkey and allow it to flow through the FET's Body diode, thus reducing efficiency. PREVENTING INADVERTENT BOTTOM FET TURN-ON At high input voltages, (12V and greater) a fast turn-on of the top FET creates a positive going spike on the Bottom FET's gate through the Miller capacitance, crss of the bottom FET. The voltage appearing on the gate due to this spike is: Vspike=Vin*crss/(Crass+ciss) Where Ciss is the input gate capacitance of the bottom FET. This is assuming that the impedance of the drive path is too high compared to the instantaneous impedance of the capacitors. (since dV/dT and thus the effective frequency is very high). If the BG pin of the SC1205 is very close to the bottom FET, Vspike will be reduced depending on trace inductance, rate of rise of current,etc.
LAYOUT GUIDELINES As with any high speed , high current circuit, proper layout is critical in achieving optimum performance of the SC1205. The Evaluation board schematic (Refer 9 (c) 1999 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
PRELIMINARY - December 7, 1999 While not shown in Figure 3, a capacitor may be added from the gate of the Bottom FET to its source, preferably less than .1" away. This capacitor will be added to Ciss in the above equation to reduce the effective spike voltage, Vspike. The selection of the bottom MOSFET must be done with attention paid to the Crss/Ciss ratio. A low ratio reduces the Miller feedback and thus reduces Vspike. Also MOSFETs with higher Turn-on threshold voltages will conduct at a higher voltage and will not turn on during the spike. The MOSFET shown in the schematic (figure 3) has a 2 volt threshold and will require approximately 4.5 volts Vgs to be conducting, thus reducing the possibility of shoot-through. A zero ohm bottom FET gate resistor will obviously help keeping the gate voltage low. Ultimately, slowing down the top FET by adding gate resistance will reduce di/dt which will in turn make the effective impedance of the capacitors higher, thus allowing the BG driver to hold the bottom gate voltage low. It does this at the expense of increased switching times ( and switching losses) for the top FET. RINGING ON THE PHASE NODE The top MOSFET source must be close to the bottom MOSFET drain to prevent ringing and the possibility of the phase node going negative. This frequency is determined by: Fring =1/(2* Sqrt(Lst*Coss)) Where: Lst = The effective stray inductance of the top FET added to trace inductance of the connection between top FET's source and the bottom FET's drain added to the trace resistance of the bottom FET's ground connection. Coss=Drain to source capacitance of bottom FET. If there is a Shottkey used, the capacitance of the Shottkey is added to the value. Although this ringing does not pose any power losses due to a fairly high Q, it could cause the phase node to go too far negative, thus causing improper operation, double pulsing or at worst driver damage. On the SC1205, the drain node, DRN, can go as far as 2V below ground without affecting operation or sustaining damage. The ringing is also an EMI nuisance due to its high resonant frequency. Adding a capacitor, typically 1000-2000pf, in parallel with Coss of the bottom FET
SC1205
can often eliminate the EMI issue. If double pulsing is caused due to excessive ringing, placing 4.7-10 ohm resistor between the phase node and the DRN pin of the SC1205 should eliminate the double pulsing. Proper layout will guarantee minimum ringing and eliminate the need for external components. Use of SO-8 or other surface mount MOSFETs while increasing thermal resistance, will reduce lead inductance as well as radiated EMI.
OVER TEMP SHUTDOWN The SC1205 will shutdown by pulling both driver if its junction temperature, Tj, exceeds 165 C.
10 (c) 1999 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
PRELIMINARY - December 7, 1999
SC1205
Figure 4-Timing diagram: Ch1:CO input Ch2:TG drive Ch3:BG non-overlap drive Ch4:phase node Iout=20A (10A/phase) Refer to Eval. Schematic (fig.3)
Figure 5-Timing diagram: Rise/Fall times
Ch1:TG drive Ch2:BG drive Cursor:TpdhTG Iout=20A (10A/phase) Refer to Eval. Schematic (fig.3)
11 (c) 1999 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
PRELIMINARY - December 7, 1999
SC1205
OUTLINE DRAWING - SO-8
JEDEC REF: MS-012AA
LAND PATTERN - SO-8
ECN99-742
12 (c) 1999 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320


▲Up To Search▲   

 
Price & Availability of SC1205CS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X